Part Number Hot Search : 
SMDA08C Z86E0412 SKY13 2SK1516 MCR25DG 01906 2SK123 84134312
Product Description
Full Text Search
 

To Download TP2510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TP2510 Low Threshold P-Channel Enhancement-Mode Vertical DMOS FETs
Ordering Information
BVDSS / BVDGS -100V RDS(ON) (max) 3.5 VGS(th) (max) -2.4V ID(ON) (min) -1.5A Order Number / Package TO-243AA* TP2510N8 Die TP2510ND
* Same as SOT-89. Product supplied on 2000 piece carrier tape reels. MIL visual screening available.
Product marking for TO-243AA
Features
Low threshold -- -2.4V max. High input impedance Low input capacitance -- 125pF max. Fast switching speeds Low on resistance Free from secondary breakdown Low input and output leakage Complementary N- and P-channel devices
TP5A
Where = 2-week alpha date code
Low Threshold DMOS Technology
These low threshold enhancement-mode (normally-off) transistors utilize a vertical DMOS structure and Supertex's wellproven silicon-gate manufacturing process. This combination produces devices with the power handling capabilities of bipolar transistors and with the high input impedance and positive temperature coefficient inherent in MOS devices. Characteristic of all MOS structures, these devices are free from thermal runaway and thermally-induced secondary breakdown. Supertex's vertical DMOS FETs are ideally suited to a wide range of switching and amplifying applications where very low threshold voltage, high breakdown voltage, high input impedance, low input capacitance, and fast switching speeds are desired.
Applications
Logic level interfaces - ideal for TTL and CMOS Solid state relays Battery operated systems Photo voltaic drives Analog switches General purpose line drivers Telecom switches
Package Option
D G
Absolute Maximum Ratings
Drain-to-Source Voltage Drain-to-Gate Voltage Gate-to-Source Voltage Operating and Storage Temperature Soldering Temperature* * Distance of 1.6 mm from case for 10 seconds.
11/12/01
D S
BVDSS BVDGS 20V -55C to +150C 300C
TO-243AA (SOT-89)
Note: See Package Outline section for dimensions.
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
1
TP2510
Thermal Characteristics
Package TO-243AA * ID (continuous)* -480mA ID (pulsed) -2.5A Power Dissipation @ TA = 25C 1.6W
jc
ja
IDR* -480mA
IDRM -2.5A
C/W
15
C/W
78
ID (continuous) is limited by max rated Tj. Mounted on FR5 board, 25mm x 25mm x 1.57mm. Significant P increase possible on ceramic substrate. D
Electrical Characteristics (@ 25C unless otherwise specified)
Symbol BVDSS VGS(th) VGS(th) IGSS IDSS Parameter Drain-to-Source Breakdown Voltage Gate Threshold Voltage Change in VGS(th) with Temperature Gate Body Leakage Zero Gate Voltage Drain Current Min -100 -1.0 -2.4 5.0 -100 -10 -1.0 ID(ON) RDS(ON) RDS(ON) GFS CISS COSS CRSS td(ON) tr td(OFF) tf VSD trr ON-State Drain Current -0.4 -1.5 Static Drain-to-Source ON-State Resistance Change in RDS(ON) with Temperature Forward Transconductance Input Capacitance Common Source Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Diode Forward Voltage Drop Reverse Recovery Time 300 300 360 80 40 10 125 70 25 10 15 20 15 -1.8 V ns ns VDD = -25V, ID = -1.0A, RGEN = 25 VGS = 0V, ISD = -1.0A VGS = 0V, ISD = -1.0A pF -0.6 -2.5 5.0 2.0 7.0 3.5 1.7 %/C m Typ Max Unit V V mV/C nA A mA A Conditions VGS = 0V, ID = -2.0mA VGS = VDS, ID= -1.0mA VGS = VDS, ID= -1.0mA VGS = 20V, VDS = 0V VGS = 0V, VDS = Max Rating VGS = 0V, VDS = 0.8 Max Rating TA = 125C VGS = -5.0V, VDS = -25V VGS = -10V, VDS = -25V VGS = -5.0V, ID = -250mA VGS = -10V, ID = -0.75A VGS = -10V, ID = -0.75A VDS = -25V, ID = -0.75A VGS = 0V, VDS = -25V f = 1.0 MHz
Notes: 1. All D.C. parameters 100% tested at 25C unless otherwise stated. (Pulse test: 300s pulse, 2% duty cycle.) 2. All A.C. parameters sample tested.
Switching Waveforms and Test Circuit
0V
10%
INPUT
-10V
PULSE GENERATOR 90%
t(ON) Rgen
t(OFF) tr td(OFF) tF
INPUT
td(ON)
0V
90% OUTPUT
VDD
90% 10%
10%
2
D.U.T. OUTPUT RL
VDD
TP2510
Typical Performance Curves
Output Characteristics
-5 -5
Saturation Characteristics
-4
-4
ID (amperes)
-3
ID (amperes)
-3 VGS = -10V -2 -8V -1 -6V -4V -3V 0
VGS = -10V
-2 -8V -1 -6V -4V -3V 0 0 -10 -20 -30 -40 -50
0
-2
-4
-6
-8
-10
VDS (volts) Transconductance vs. Drain Current
0.5 2.0
VDS (volts) Power Dissipation vs. Ambient Temperature
VDS = -25V
0.4 TA = -55C TO-243AA
GFS (siemens)
PD (watts)
0.3
TA = 25C 1.0
TA = 125C 0.2
0.1
0 0 -0.5 -1.0 -1.5 -2.0 -2.5
0 0 25 50 75 100 125 150
ID (amperes) Maximum Rated Safe Operating Area
-10 1.0
TA (C) Thermal Response Characteristics
TO-243AA(pulsed)
Thermal Resistance (normalized)
0.8
ID (amperes)
-1.0 TO-243AA (DC)
0.6
0.4
-0.1 TA = 25C
0.2
TO-243AA TA = 25C PD = 1.6W
-0.01 -0.1
0 -1.0 -10 -100 0.001 0.01 0.1 1 10
VDS (volts)
tp (seconds)
3
TP2510
Typical Performance Curves
BVDSS Variation with Temperature
10 1.1 8
On-Resistance vs. Drain Current
VGS = -5V VGS = -10V
BVDSS (normalized)
RDS(ON) (ohms)
-50 0 50 100 150
6
1.0
4
2 0.9 0 0 -0.8 -1.6 -2.4 -3.2 -4.0
Tj (C) Transfer Characteristics
-5 1.4
ID (amperes) V(th) and RDS Variation with Temperature
2.0
VDS = -25V
-4 1.2
RDS (ON) @ -10V, -0.75A
1.6
ID (amperes)
-3
TA = -55C
1.0
1.2
25C
-2
0.8
0.8
-1
150C
V(th) @ -1mA
0.6 0.4
0 0 0 -2 -4 -6 -8 -10
0.4 -50 0 50 100 150
0
VGS (volts) Capacitance vs. Drain-to-Source Voltage
200 -10
Tj (C) Gate Drive Dynamic Characteristics
f = 1MHz
-8 150
142 pF VDS = -10V
C (picofarads)
VGS (volts)
-6
100
VDS = -40V
-4
CISS
50
COSS
71 pF
-2
CRSS
0 0 -10 -20 -30 -40 0 0 1.0 2.0
VDS (volts)
QG (nanocoulombs)
11/12/01
(c)2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
4
1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 * FAX: (408) 222-4895 www.supertex.com
RDS(ON) (normalized)
VGS(th) (normalized)


▲Up To Search▲   

 
Price & Availability of TP2510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X